Part Number Hot Search : 
04597 KBPC1510 CMHZ4104 HC1G0 04597 D9153 HER205 AM26LS29
Product Description
Full Text Search
 

To Download GP20D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
GP20A THRU GP20M
2.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
DO-201AE
Features
* * * * High temperature metallurgically bonded construction Glass passivated cavity-free junction, Plastic Case 2.0 amperes operation at TA=55OC and with no thermal runaway. Typical IR less than 0.1uA
* * *
Maximum Ratings
Operating Temperature: -55 C to +150 C Storage Temperature: -55OC to +150 OC Typical Thermal Resistance: 10OC/W Junction to Lead Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V IF(AV) IFSM Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V 2.0 A 65A Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V TA = 55OC 8.3ms, half sine
O O
Part Number GP20A GP20B GP20D GP20G GP20J GP20K GP20M
D
A Cathode Mark B D
Electrical Characteristics @ 25OC Unless Otherwise Specified
Maximum Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage GP20A -20B GP20D-20M Maximum DC Reverse Current At Rated DC Blocking Voltage Reverse Recovery Time Typical Junction Capacitance
C
DIMENSIONS
VF
1.2V 1.1V 5.0uA
I FM = 2.0A; TA=25OC
IR
DIM A B C D
INCHES MIN ----.038 1.000
MAX .370 .250 .042 ---
MM MIN ----0.96 25.40
MAX 9.50 6.40 1.06 ---
NOTE
Trr CJ
2.5uS 40pF
IF=0.5A, IR=1.0A, Irr=0.25A Measured at F=1.0MHz VR=4.0V
www.cnelectr .com
GP20A thru GP20M
Figure 1 Typical Forward Characteristics 20 10 6 4 2 Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .4 .6 .8 Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts 1.0 1.2 1.4 0 .5 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100
O
Figure 2 Forward Derating Curve 3.0
2.5 25OC
2.0
1.5 Amps 1.0
125
150
175
C
Average Forward Rectified Current - Amperes versus Ambient Temperature - OC
Figure 3 Junction Capacitance
100 60 40 20 pF 10 6 4 2 1 .1 .2 .4 1 2 4 Volts Junction Capacitance - pF versus Reverse Voltage - Volts 10 20 40 100 200 400 1000 TJ =25OC
www.cnelectr.com
GP20A thru GP20M
Figure 4 Peak Forward Surge Current 120 100 80 60 Amps 40 20 0 1 2 4 6 8 10 20 Cycles Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles 40 60 80 100
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of GP20D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X